Part Number Hot Search : 
LN473YPH GS4011 MAX2510 C858AF M25CL64 63LVD823 M74HC693 PM100
Product Description
Full Text Search
 

To Download VN10LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
w
VN10LF
S
w
ISSUE 2 - JANUARY 1996 FEATURES * 60 Volt VDS * RDS(on)=5
w .D at aS
D G
w
PARTMARKING DETAIL -
MY
he
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Drain-Source Voltage
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Drain-Source Breakdown Voltage Gate-Source Breakdown Voltage Gate Body Leakage Zero Gate Voltage Drain Current (1) SYMBOL BV DSS MIN. 60 TYP. MAX. UNIT V 2.5 V nA CONDITIONS. I D=100A, V GS=0V I D =1mA, V DS= V GS V GS= 20V, V DS=0V V DS=60 V, V GS=0V
(1) Measured under pulsed conditions. Width=300s. Duty cycle 2% (2) Sample test. (3) Switching times measured with 50 source impedance and <5ns rise time on a pulse generator Spice parameter data is available upon request for this device For typical characteristics graphs see ZVN3306F datasheet.
w
w
et 4U
Continuous Drain Current at T amb = 25C Pulsed Drain Current Gate Source Voltage
Power Dissipation at T amb = 25C
Operating and Storage Temperature Range
w
.D
SYMBOL V DS ID I DM V GS P tot T j :T stg
VALUE 60 150 3 20 330
UNIT V
.c
.D
g fs
om
mA A V mW C
at
V GS(th) I GSS I DSS I D(on) R DS(on) 0.8 C iss C oss C rss
-55 to +150
aS
750 100
he
100 10
et
A
4U
w
On State Drain Current(1) Static Drain Source On State Resistance (1)
mA
V DS=15 V, V GS=10V V GS=10V, I D=500mA V GS=5V, I D=200mA
5.0 7.5
Forward Transconductance (1)(2)
Input Capacitance (2)
Common Source Output Capacitance (2) Reverse Transfer Capacitance (2) Turn-On Time (2)(3) Turn-Off Time (2)(3)
w
mS
V DS=15V, I D=500mA
.c
at aS
60 25 5 3 4 10 10 pF pF pF ns ns
V DS=25 V, V GS=0V f=1MHz
om
he
t (on) t (off)
et 4U .c om
3 - 308
V DD 15V, I D=600mA


▲Up To Search▲   

 
Price & Availability of VN10LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X